Part Number Hot Search : 
L780S20 AP943 MIC5165 68HC908 SK368 68HC908 BZT52B20 MGFK3
Product Description
Full Text Search
 

To Download GBS-9250G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optoway
GBS-9250G (RoHS Compliant) 5V / 1550 nm / 2.5 Gb/s Signle-Mode Gigabit Interface Converter (GBIC)
FEATURES DESCRIPTION
GBS-9250G
1
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
l 2.5 Gbps Bi-directional Data Links l Compliant with 1X / 2X Fibre Channel FC-PI 13.0 l Compliant with Gigabit Interface Converter (GBIC) Specification Rev. 5.5 l 1550 nm DFB Laser Transmitter l Link distance up to 50 km l Hot Pluggable module with Duplex SC Connector l Multi-rate Operation for 2.5 / 2.125 / 1.062 / 1.25 Gbps l Link Distance up to 10 km l SCA-2 Host Connector l Single +5 V Power Supply
l RoHS Compliant
l Differential PECL Inputs and Outputs l TTL RX-LOS Output l Class 1 Laser International Safety Standard IEC 60825 Compliant
The GBS-9250G series optical transceivers meet the Gigabit Interface Converter (GBIC) specification Rev. 5.5. It satisfies the optical interface specifications defined in IEEE 802.3z Drift 5.0 1000 BASE-LX for Gigabit Ethernet and 1x / 2x Fibre Channel FC-PI 13.0. This module is designed for single-mode fiber and operates at a nominal wavelength of 1550 nm. The transmitter section uses a multiple quantum well 1550 nm DFB laser and is a class 1 laser compliant according to International Safety Standard IEC 60825. The receiver section uses an integrated InGaAs detector preamplifier (IDP) mounted in an optical header and a limiting post-amplifier IC. A PECL input / output logic interface is used. TTL RX-LOS output simplifies interface to external circuitry. A 20-pin SCA-2 host connector is used to connect the converter to the host system.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It complies with IEC 60825 and FDA 21 CFR 1040.10 and 1040.11. The transceiver must be operated within the specified temperature and voltage limits. The optical ports of the module shall be terminated with an optical connector or with a dust plug.
APPLICATIONS
l 2.5 Gb/s Switch to Switch Interface l High Speed Interface for File Servers l Data Storage l Dual Rate 1.06 / 2.125 Gb/s Fibre Channel
ORDER INFORMATION
P/No. GBS-9250G Bit Rate (Gb/s) 2.5/2.125/1.063 Distance (km) 50 Wavelength (nm) 1550 DFB Package Temp. (oC)
SC GBIC
0 to 70
TX Power (dBm) 5 to 0
RX Sens. (dBm) -20
RoHS Compliant Yes
Absolute Maximum Ratings
Parameter Storage Temperature Operating Temperature Power Supply Voltage Input Voltage Symbol Tstg Topr Vcc --Min -40 -5 -0.5 -0.5 Max 85 70 6 Vcc Units o C o C V V Notes Air flow 1m/sec
Recommended Operating Conditions
Parameter Power Supply Voltage Power Supply Current Operating Temperature Data Rate Fiber Length on 9/125 m SMF Symbol Vcc ITX + IRX Topr Min 4.75 0 1.0625 / 1.25 2.125 / 2.5 50 Typ 5 200 Max 5.25 300 70 2.5 Units V mA C Gb/s km
o
Conditions Reference to GND. Air flow 1m/sec
@1.0625 /2.125 Gb/s
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
12/1/2005 V2.0
Optoway
Transmitter Specifications (0 oC < Topr < 70 oC, 4.75 V < Vcc < 5.25V)
Parameter Optical Optical Transmit Power Output Center Wavelength Output Spectrum Width Side Mode Suppression Ratio Extinction Ratio Optical Rise Time Optical Fall Time Pout TX_Disable Asserted Electrical Differential Input Voltage Transmit Fault Load Transmit Fault Output-Low Transmit Fault Output-High TX-Disable Input - Low TX-Disable Input - High TX-Disable Assert Time TX-Disable Negate Time Time to initialize, includes reset of TX-FAULT TX FAULT from fault to assertion TX-Disable time to start reset Symbol Po SMSR ER tr tf POFF VIH - VIL TX-FAULTLOAD VTX-FAULT-L VTX-FAULT-H V TX-DISABLE-L V TX-DISABLE-H t_off t-on t-int t-fault t-reset 10 Min 0 1480 30 9 --150 150 -35 2.0 10 0.5 Vcc + 0.3 0.8 Vcc + 0.3 10 1 300 100 Typ --1550 --Max 5 1580 1 Units dBm nm nm dB dB ps ps dBm Vp-p k V V V V s ms ms s s
GBS-9250G
Notes 1 -20 dB Width
2
***********************************************************************************************************************************************************************
20% to 80% value 20% to 80% value
0.65 4.7 0.0 Vcc - 0.5 0 2.0
2
1. Output power is power coupled into a 9/125 m SM fiber. 2. Pull-up resistor on host Vcc.
Receiver Specifications (0oC < Topr < 70oC, 4.75 V < Vcc < 5.25V)
Parameter Optical
Sensitivity @2.5 Gb/s @ BER=10-12
Symbol Sens Pin
Min ---3 1.0 1200 ---31 0.37
Typ -----------
Max -20 --1600 -20 --2.0 0.35 0.35 10 0.5 Vcc 100 100
Units dBm dBm dB nm dBm dBm Vp-p ns ns k V V s s
Notes 3 3
Maximum Input Power Signal detect - Hysteresis Wavelength of Operation RX-LOS - Asserted RX-LOS - Deasserted Electrical Differential Output Voltage Data Output Rise Time Data Output Fall Time Receiver Loss of Light Load
Loss of Signal Output Voltage --- Low Loss of Signal Output Voltage --- High Loss of Signal Assert Time (off to on) Loss of Signal Deassert Time (on to off)
Pa Pd RX-DAT TrRX-DAT TfRX-DAT RX-LOSLOAD RX-LOSL RX-LOSH TA,RX-LOS TD,RX-LOS
Transition: low to high Transition: high to low
4.7 0 2.4
4
3. Minimum sensitivity and saturation levels at BER=1E-12 for a 2 7-1 PRBS. 4. Pull-up resistor on host Vcc.
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
12/1/2005 V2.0
Optoway
PIN ASSIGNMENT
GBS-9250G
3
***********************************************************************************************************************************************************************
PIN
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
Signal Name
RX-LOS RGND RGND MOD-DEF(0) MOD-DEF(1) MOD-DEF(2) TX-DIABLE TGND TGND TX-FAULT RGND -RX-DAT +RX-DAT RGND VCCR VCCT TGND +TX-DAT -TX-DAT TGND
Sequence
2 2 2 2 2 2 2 2 2 2 1 1 1 1 2 2 1 1 1 1
Description
Receiver Loss of Signal, logic high, open collector compatible, 4.7K to 10K ohm pull-up to VCCT on host Receiver Ground Receiver Ground TTL Low SCL Serial Clock Signal SDA Serial Data Signal Transmitter Disable, logic high, open collector compatible Transmitter Ground Transmitter Ground Transmitter Fault, logic high, open collector compatible, 4.7K to 10K ohm pull-up to V CCT on GBIC Receiver Ground Receiver Data Bar, Differential PECL, AC coupled Receiver Data, Differential PECL, AC coupled Receiver Ground Receiver +5V Supply Transmitter +5V Supply Transmitter Ground Transmitter Data, Differential PECL, AC coupled Transmitter Data Bar, Differential PECL, AC coupled Transmitter Ground
A sequence value of 1 indicates that the signal is in the first group to engage during plugging of a module. A sequence value of 2 indicates that the signal is the second and last group. The two guide pins on the connector are electrically connected to the transceiver circuit ground. These two guide pins make contact with circuit prior to sequence 1 signals.
Module Definition Module Definition
4
MOD-DEF(0) PIN 4
TTL Low
MOD-DEF (1) PIN 5
SCL
MOD-DEF (2) PIN 6
SDA
Interpretation by Host
Serial module definition protocol
Module Definition 4 specifies a serial definition protocol. For this definition, upon power up, MOD-DEF(1:2) appear as no connector (NC) and MOD-DEF(0) is TTL LOW. When the host system detects this condition, it activates the serial protocol. The protocol uses the 2-wire serial CMOS E 2PROM protocol of the ATMEL AT24C01A/02/04 family of components.
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
12/1/2005 V2.0
Optoway
PACKAGE DIAGRAM
Units in mm
GBS-9250G
4
***********************************************************************************************************************************************************************
Note: Specifications subject to change without notice.
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
12/1/2005 V2.0


▲Up To Search▲   

 
Price & Availability of GBS-9250G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X